Part Number Hot Search : 
BU4837F 25616 BZX55 P15N65 2SC30 HT2813 M29LV 0624I
Product Description
Full Text Search
 

To Download 2SB1588 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (7 0 ) E
Darlington
sAbsolute maximum ratings
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SB1588 -160 -150 -5 -10 -1 80(Tc=25C) 150 -55 to +150 (Ta=25C) Unit V V V A A W C C
2SB1588
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=-160V VEB=-5V IC=-30mA VCE=-4V, IC=-7A IC=-7A, IB=-7mA IC=-7A, IB=-7mA VCE=-12V, IE=2A VCB=-10V, f=1MHz 2SB1588 -100max -100max -150min 5000min -2.5max -3.0max 50typ 230typ V V pF
16.2
B
Equivalent circuit
C
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SD2439)
Application : Audio, Series Regulator and General Purpose
(Ta=25C) Unit
External Dimensions FM100(TO3PF)
0.80.2 15.60.2 5.50.2 3.45 0.2 5.5 o3.30.2 1.6
A
V
9.50.2
A
23.00.3
a b
MHz
1.75 2.15 1.05 +0.2 -0.1 5.450.1 1.5 4.4 5.450.1 1.5 0.65 +0.2 -0.1
3.3
0.8
hFE Rank O(5000 to 12000), P(6500 to 20000), Y(15000 to 30000)
3.35
sTypical Switching Characteristics (Common Emitter)
VCC (V) -70 RL () 10 IC (A) -7 VBB1 (V) -10 VBB2 (V) 5 IB1 (mA) -7 IB2 (mA) 7 ton (s) 0.8typ tstg (s) 3.0typ tf (s) 1.2typ
B
C
E
Weight : Approx 6.5g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
mA
VCE( sat ) - I B Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s a t)( V ) -3
I C - V BE Temperature Characteristics (Typical)
-10 (VCE=-4V)
-10
-2
m .5
A
- 2 .0
mA
-10
-1 .5m A
-1. 2mA
Collector Current I C (A)
-1.0 mA
-2
-6
-0.8m A -0.6m A
Collector Current I C( A)
-8
-8
-6
-10A -7A I C= -5A -1
mp)
)
IB=-0.4mA
e Te
Temp
-4
-4
0
0
-2
-4
-6
0 -0.2
-0.5 -1
-5
-10
-50 -100 -200
0
0
-1
-30C
25C
-2
-2
125C
(Case
(Case
(Cas
Temp
)
-2
Collector-Emitter Voltage V C E( V)
Base Current I B( mA)
Base-Emittor Voltage V B E( V)
(V C E= -4V) 40,000 DC Cur rent Gain h FE DC Cur rent Gain h FE 50,000
(V C E= -4V)
j-a(C/W)
hFE - IC Characteristics (Typical)
hFE - I C Temperature Characteristics (Typical)
j-a - t Characteristics
3
Typ
Transient Thermal Resistance
125C 10,000 5,000
10,000 5,000
25C -30C
1
0.5
1,000 1,000 -0.2 -0.5 -1 Collector Current I C( A) -5 -10 500 -0.2 -0.5 -1 -5 -10
0.1
1
5
10
50 100 Time t(ms)
500 1000
3.0
-2.5
2000
Collector Current I C( A)
f T - IE Characteristics (Typical)
(V C E= -12V) 100 -30
Safe Operating Area (Single Pulse)
80
P c - T a Derating
80 Cut -off Fre quen cy f T( M H Z) Co lle ctor Cu rre nt I C( A)
-10 -5
DC
10
m
0m
s
s
Maxim um Power Dissip ation P C( W)
10
W
60
ith In fin
60
Typ
ite he
-1 -0.5 Without Heatsink Natural Cooling -0.1
40
at si nk
40
20
20
0 0.02
0.05 0.1
0.5
1
5
10
-0.05 -3
-5
-10
-50
-100
-200
3.5 0
Without Heatsink 0 25 50 75 100 125 150
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
50


▲Up To Search▲   

 
Price & Availability of 2SB1588

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X